68 rlc electronics, inc. 83 radio circle, mount kisco, new york 10549 ?telephone: 914-241-1334 ?fax: 914-241-1753 e-mail: sales@rlcelectronics.com ?www.rlcelectronics.com precision and high power terminations rlc electronics' precision coaxial terminations provide extremely low vswr, 50 ohm matched terminations over broad frequency ranges in a wide selection of connectors and power ranges. the coaxial high power terminations provide low vswr terminations over a full range of rf frequencies. these units utilize either a precision coaxial structure as the terminating element or a lossy dielectric medium. heat transfer is accomplished efficiently by the utilization of cooling fins. these units are conservatively rated so that for short periods of time, they may be operated at 200% of rated power. forced air cooling over the load will allow continuous overload operation. these highpower loads are designed for use in 50 ohm systems. model power conn. types size rating vswr available* "a" max dc-1 ghz 1-4 ghz 4-12.4 ghz male or female (in) 1.04 1.07 1.15 n 1.45 t-13- 1 watt avg. 1.10 1.20 1.30 tnc 1.32 1 kw peak 1.10 bnc 1.32 1.04 1.07 1.15 sma 1.16 1 watt avg. dc-4 ghz 4-12.4 ghz 12.4-18 ghz male or female (in) t-18- 1 kw peak 1.07 1.15 1.15 sma 1.16 dc-1 ghz 1-4 ghz 4-12.4 ghz male or female (in) 10 watt avg. bnc/tnc 2.06 t-30- 1 kw peak 1.10 1.20 1.30 sma 2.24 1.50 dc-4 ghz 4-12.4 ghz 12.4-18 ghz male or female (in) 10 watts avg. n 2.06 t-180- 1 kw peak 1.10 1.20 1.30 sma 1.90 dc-1 ghz 1-3 ghz male or female (in) n 6.10 t -500- 50 w att a vg. 1.10 1.25 tnc 6.10 bnc 6.10 sma 6.10 5.53 1-2 ghz 2-18 ghz male or female (in) 10 watt avg. tnc 6.24 t-105- 10 kw peak 1.35 1.25 ? tnc 6.13 sma 5.95 1-8.5 ghz 8.5-12.4 ghz male or female (in) 175 w att a vg. n 12.08 t -1005- 10 kw peak 1.30 1.30 ? tnc 11.97 sma 11.80 specifications t -1-2-3 weight: t-13, t-18 -- 2oz t-130, t-105 -- 4oz t-500 -- 14oz t-1005 -- 4lbs environment: mil-d-39030 *bnc not recommended for use above 1 ghz tnc not recommended for use above 12.4 ghz example: t-130-n-m is a dc - 12.4 ghz termination with n, male connectors to designate the termination desired use: (1) 13, 105 etc for model number (2) n, b (bnc), t (tnc), r (sma), for connectors (3) "m" for male, "f" for female
69 rlc electronics, inc. 83 radio circle, mount kisco, new york 10549 ?telephone: 914-241-1334 ?fax: 914-241-1753 e-mail: sales@rlcelectronics.com ?www.rlcelectronics.com typical operating curves outline drawing
|